Part Number Hot Search : 
62128 90000 0538E3 2N5323 TC186 LBS14032 3224A 1N4742
Product Description
Full Text Search
 

To Download CRCW1206-HPE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CRCW-HP e3
Vishay
Pulse Proof, High Power Thick Film Chip Resistors
FEATURES
* * * * * Excellent pulse load capability Enhanced power rating Double side printed resistor element Protective overglaze Pure tin solder contacts on Ni barrier layer provides compatibility with lead (Pb)-free and lead containing soldering processes * Compliant to RoHS directive 2002/95/EC * Halogen-free according to IEC 61249-2-21 definition * AEC-Q200 qualified, rev. C compliant
STANDARD ELECTRICAL SPECIFICATIONS
SIZE MODEL INCH METRIC POWER RATING P70 W 0.125 (1) LIMITING ELEMENT VOLTAGE MAX. V 50 TEMPERATURE COEFFICIENT ppm/K TOLERANCE RESISTANCE RANGE E-SERIES % 1 5 1 5 1 5 1 5 1 5 1 5 1 5 1 5 1R to 1M E24 + E96 E24 E24 + E96 E24 E24 + E96 E24 E24 + E96 E24 E24 + E96 E24 E24 + E96 E24 E24 + E96 E24 E24 + E96 E24
CRCW0402-HP e3
0402
RR1005
CRCW0603-HP e3
0603
RR1608
CRCW0805-HP e3
0805
RR2012
CRCW1206-HP e3
1206
RR3216
CRCW1210-HP e3
1210
RR3225
CRCW1218-HP e3
1218
RR3246
CRCW2010-HP e3
2010
RR5025
CRCW2512-HP e3
2512
RR6332
100 200 Zero-Ohm-Resistor: Rmax. = 0.010 , Imax. = 3 A 100 0.25 75 200 Zero-Ohm-Resistor: Rmax. = 0.008 , Imax. = 5 A 100 0.33 150 200 Zero-Ohm-Resistor: Rmax. = 0.005 , Imax. = 6 A 100 0.5 200 200 Zero-Ohm-Resistor: Rmax. = 0.005 , Imax. = 10 A 100 0.75 200 200 Zero-Ohm-Resistor: Rmax. = 0.004 , Imax. = 12 A 100 1.5 200 200 Zero-Ohm-Resistor: Rmax. = 0.004 , Imax. = 20 A 100 1.0 400 200 Zero-Ohm-Resistor: Rmax. = 0.005 , Imax. = 12 A 100 1.5 500 200 Zero-Ohm-Resistor: Rmax. = 0.005 , Imax. = 16 A
1R to 1M
1R to 1M
1R to 1M
1R to 1M
1R to 1M
1R to 1M
1R to 1M
Notes (1) CRCW0402-HP resistors feature a single side printed resistive layer only * These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime * Marking: See document "Surface Mount Resistor Marking" (document number 20020) * Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material
TECHNICAL SPECIFICATIONS
PARAMETER Rated Dissipation P70 (1) Limiting Element Voltage Umax. AC/DC Insulation Voltage Uins. (1 min) Insulation Resistance Category Temperature Range Weight
(1)
UNIT W V V C mg
CRCW CRCW CRCW CRCW CRCW CRCW CRCW CRCW 0402-HP 0603-HP 0805-HP 1206-HP 1210-HP 1218-HP 2010-HP 2512-HP 0.125 0.25 0.33 0.5 0.75 1.5 1.0 1.5 50 75 150 200 200 200 400 500 > 75 > 100 > 200 > 300 > 300 > 300 > 300 > 300 > 109 - 55 to + 155 0.65 2 5.5 10 18 31 25.5 42
Note The power dissipation on the resistors generates a temperature rise against the local ambient, depending on the heat flow support of the printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 C is not exceeded. For technical questions, contact: thickfilmchip@vishay.com www.vishay.com 171
Document Number: 20043 Revision: 26-Mar-10
CRCW-HP e3
Vishay
Pulse Proof, High Power Thick Film Chip Resistors
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: CRCW0603562RFKEAHP (1)
C
R
C
W
0
6
0
3
5
6
2
R
F
K
E
A
H
P
MODEL/SIZE CRCW0402 CRCW0603 CRCW0805 CRCW1206 CRCW1210 CRCW1218 CRCW2010 CRCW2512
VALUE R = Decimal K = Thousand M = Million 0000 = Jumper
TOLERANCE F=1% J=5% Z = Jumper
TCR K = 100 ppm/K N = 200 ppm/K 0 = Jumper
PACKAGING (2) EA EB EC ED EE EI EL EF EG EH EK
SPECIAL Up to 2 digits HP = Pulse proof, High Power
PRODUCT DESCRIPTION: CRCW0603-HP 100 562R 1 % ET1 e3 CRCW0603-HP MODEL CRCW0402-HP CRCW0603-HP CRCW0805-HP CRCW1206-HP CRCW1210-HP CRCW1218-HP CRCW2010-HP CRCW2512-HP 100 TCR 100 ppm/K 200 ppm/K 562R RESISTANCE VALUE 10R = 10 562R = 562 10K = 10 k 1M = 1 M 0R0 = Jumper 1% TOLERANCE 1% 5% ET1 PACKAGING (2) ET1 ET5 ET6 ET7 EF4 EG1 E20 E02 E67 E82 ET9 e3 LEAD (Pb)-FREE e3 = Pure tin termination finish
Notes (1) Preferred way for ordering products is by use of the PART NUMBER (2) Please refer to table PACKAGING, see below
PACKAGING
REEL MODEL PACKAGING CODE TAPE WIDTH 8 mm 8 mm DIAMETER 180 mm/7" 330 mm/13" 180 mm/7" 285 mm/11.25" 330 mm/13" 180 mm/7" 285 mm/11.25" 330 mm/13" 180 mm/7" 285 mm/11.25" 330 mm/13" 180 mm/7" 285 mm/11.25" 330 mm/13" 180 mm/7" 180 mm/7" 180 mm/7" PITCH 2 mm 2 mm 4 mm 4 mm 4 mm 4 mm 4 mm 4 mm 4 mm 4 mm 4 mm 4 mm 4 mm 4 mm 4 mm 4 mm 8 mm 4 mm PIECES/ REEL 10 000 50 000 5000 10 000 20 000 5000 10 000 20 000 5000 10 000 20 000 5000 10 000 20 000 4000 4000 2000 4000 PART NUMBER PAPER CRCW0402-HP CRCW0603-HP ED EE EA EB EC EA EB EC EA EB EC EA EB EC EK EF EG EH BLISTER PRODUCT DESC. PAPER ET7 EF4 ET1 ET5 ET6 ET1 ET5 ET6 ET1 ET5 ET6 ET1 ET5 ET6 ET9 E02 E67 E82 Document Number: 20043 Revision: 26-Mar-10 BLISTER
CRCW0805-HP
8 mm
CRCW1206-HP
8 mm
CRCW1210-HP CRCW1218-HP CRCW2010-HP CRCW2512-HP
8 mm 12 mm 12 mm 12 mm
www.vishay.com 172
For technical questions, contact: thickfilmchip@vishay.com
CRCW-HP e3
Pulse Proof, High Power Thick Film Chip Resistors
Vishay
DIMENSIONS in millimeters
l a
b
SIZE INCH 0402 0603 0805 1206 1210 1218 2010 2512 METRIC 1005 1608 2012 3216 3225 3246 5025 6332 L 1.0 0.05 1.6 0.1 2.0 0.15 3.1 0.2 3.2 0.2 3.1 0.2 5.0 0.15 6.3 0.2 W 0.5 0.05 0.85 0.1 1.25 0.15 1.6 0.15 2.5 0.2 4.6 0.2 2.5 0.15 3.15 0.15
DIMENSIONS H 0.3 0.1 0.45 0.1 0.50 0.1 0.50 0.15 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 T1 0.25 0.1 0.3 0.2 0.4 0.2 0.5 0.2 0.45 0.2 0.45 0.2 0.6 0.2 0.6 0.2 T2 0.2 0.1 0.3 0.2 0.35 0.2 0.45 0.2 0.4 0.2 0.4 0.2 0.6 0.2 0.6 0.2
SOLDER PAD DIMENSIONS REFLOW SOLDERING WAVE SOLDERING a b l a b l 0.4 0.6 0.5 0.5 0.9 1.0 0.9 0.9 1.0 0.7 1.3 1.2 0.9 1.3 1.3 0.9 1.7 2.0 1.1 1.7 2.3 0.9 2.5 2.0 1.1 2.5 2.2 1.05 4.9 1.9 1.25 4.8 1.9 1.0 2.5 3.9 1.2 2.5 3.9 1.0 3.2 5.2 1.2 3.2 5.2
FUNCTIONAL PERFORMANCE
Single Pulse
Pulse Load Pmax. (W) 10 000 1000 100 2512 1218 2010 1210 1206 0805 0603 0402
10 1 0.1 0.01 0.000001 0.00001 0.0001
0.001
0.01
0.1
100 1 10 Pulse Duration ti (s)
Maximum pulse dissipation as a function of the pulse duration, single pulse for CRCW...-HP
Continuous Pulse
Continuous Pulse Load Pmax. (W) 10 000 1000 100 2512 1218 2010 1210 1206 0805 0603 0402
10 1
0.1 0.01 0.000001 0.00001 0.0001
0.001
0.01
0.1
1 10 100 Pulse Duration ti (s)
Maximum pulse dissipation as a function of the pulse duration, continuous pulse for CRCW...-HP Document Number: 20043 Revision: 26-Mar-10 For technical questions, contact: thickfilmchip@vishay.com www.vishay.com 173
CRCW-HP e3
Vishay
Pulse Proof, High Power Thick Film Chip Resistors
Pulse Voltage
Pulse Voltage Umax. (V) 2000 1800 1600 1400 1200 1000 800 600 400 200 0402 0 0.000001 0.00001 0.0001 0.001 0.01 0.1 1 10 Pulse Duration ti (s) 0805 0603 1206/1210/1218 2010 2512
Maximum pulse voltage, single and continuous pulses; applicable if P Pmax.; for permissible resistance change equivalent to 8000 h operation
Derating
Rated Power in % 120 100
80 60 40
20 0 - 55
- 25
0
25
50
75 70
100 125 155 175 Ambient Temperature in C
www.vishay.com 174
For technical questions, contact: thickfilmchip@vishay.com
Document Number: 20043 Revision: 26-Mar-10
CRCW-HP e3
Pulse Proof, High Power Thick Film Chip Resistors
Vishay
TEST PROCEDURES AND REQUIREMENTS
EN 60115-1 CLAUSE IEC 60068-2 TEST METHOD TEST PROCEDURE Stability for product types: CRCW-HP e3 4.5 4.7 4.13 Resistance Voltage proof Short time overload U = 1.4 x Uins; 60 s U = 2.5 x P 70 x R 2 x Umax.; Duration according to style Solder bath method; Sn60Pb40; non-activated flux; (235 5) C; (2 0.2) s Solder bath method; Sn96.5Ag3Cu0.5; non-activated flux; (245 5) C; (3 0.3) s (20/- 55/20) C and (20/125/20) C 45 N Depth 2 mm; 3 times 30 min. at - 55 C; 30 min at 125 C 5 cycles 1000 cycles 125 C; 16 h 55 C; 90 % RH; 24 h; 1 cycle - 55 C; 2 h 1 kPa; (25 10) C; 1 h 55 C; 90 % RH; 24 h; 5 cycle U= P 70 x R (2 % R + 0.1 ) (4 % R + 0.1 ) (0.5 % R + 0.05 ) No burning after 30 s (1 % R + 0.05 ) (2 % R + 0.1 ) (1 % R + 0.05 ) No visible damage Marking legible, no visible damage (0.5 % R + 0.05 ) (1 % R + 0.05 ) (1 % R + 0.05 ) U = P 70 x R U max. 1.5 h on; 0.5 h off; 70 C; 1000 h 70 C; 8000 h Solder bath method; (260 5) C; (10 1) s IEC 60695-15-5; 10 s (40 2) C; (93 3) % RH; 56 days 155 C; 1000 h IEC 61340-3-1; 3 positive and 3 negative discharges; ESD voltage according to size Isopropyl alcohol; 50 C; method 2 Isopropyl alcohol; 50 C; method 1; toothbrush f = 10 Hz to 2000 Hz; x, y, z 1.5 mm; A 200 m/s2; 10 sweeps per axis U = 15 x P 70 x R 2 x U max. 0.1 s on; 2.5 s off; 1000 cycles U = 10 x P 70 x R 2 x U max. 10 pulses (2 % R + 0.1 ) REQUIREMENTS PERMISSIBLE CHANGE (R) STABILITY CLASS 2 OR BETTER 1 to 1 M 1 %, 5 % (0.5 % R + 0.05 ) Good tinning ( 95 % covered) no visible damage Good tinning ( 95 % covered) no visible damage 100 ppm/K, 200 ppm/K No visible damage No visible damage, no open circuit in bent position (0.25 % R + 0.05 ) (0.5 % R + 0.05 ) (1 % R + 0.05 )
4.17.2 4.8.4.2 4.32 4.33
58 (Td) 21 (UU3) 21 (UU1)
Solderability Temperature coefficient Shear (adhesion) Substrate bending
4.19 4.23 4.23.2 4.23.3 4.23.4 4.23.5 4.23.6 4.23.7 4.25.1 4.18.2 4.35 4.24 4.25.3 4.40 4.29 4.30 4.22 4.37 4.27
14 (Na) 2 (Ba) 30 (Db) 1 (Aa) 13 (M) 30 (Db) 58 (Td) 78 (Cab) 45 (XA) 45 (XA) 6 (Fc) -
Rapid change of temperature Dry heat Damp heat, cyclic cold Low air pressure Damp heat, cyclic D.C. load Endurance at 70 C Resistance to soldering heat Flammability, needle flame test Damp heat, steady state Endurance at upper category temperature Electrostatic discharge (human body model) Component solvent resistance Solvent resistance of marking Vibration, endurance by sweeping Periodic electric overload Single pulse high voltage overload, 10 s/700 s
All tests are carried out in accordance with the following specifications: * EN 60115-1, generic specification * EN 140400, sectional specification * EN 140401-802, detail specification * IEC 60068-2 environmental test procedures Packaging of components is done in paper or blister tapes according to IEC 60286-3
Document Number: 20043 Revision: 26-Mar-10 For technical questions, contact: thickfilmchip@vishay.com www.vishay.com 175
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of CRCW1206-HPE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X